PART |
Description |
Maker |
GNC-0122 |
Gigabit Fiber PCIe Network Card, Dual SFP, PCIe x4
|
Level One
|
ASMB-584G2-00A1E |
LGA 1150 Intel? Xeon? E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
|
Advantech Co., Ltd.
|
BCM5464S BCM5464SA1KRBG BCM5464SA1IRBG |
QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE QuadSquad® Quad-Port 10/100/1000BASE-T Gigabit Copper Transceiver with Copper/Fiber Media Interface
|
Broadcom Corporation.
|
BCM5461S |
10/100/1000 BASE T GIGABIT COPPER TRANSCEIVER 10/100/1000BASE-T Gigabit Copper Transceiver with Copper/Fiber Media Interface
|
Electronic Theatre Controls, Inc. ETC Broadcom Corporation.
|
PEX8648-AARDK PEX8648-AA50BCG PEX8648 |
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
|
PLX Technology
|
HFBR-53A5VEMZ |
3.3 V 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet Low Voltage
|
AVAGO TECHNOLOGIES LIMITED
|
GUS-QS20RLF-330-K-470-M GUS-SL20RLF-330-K-470-M GU |
TaNCap Tapped Filter Network RC NETWORK, TAPPED FILTER NETWORK, 68ohm, 0.000068uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 15ohm, 0.000015uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 15ohm, 0.000015uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 39ohm, 0.000056uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 22ohm, 0.000056uF, SURFACE MOUNT, SOIC-20 RC NETWORK, TAPPED FILTER NETWORK, 56ohm, 0.00012uF, SURFACE MOUNT, SOIC-20 RC NETWORK, TAPPED FILTER NETWORK, 27ohm, 0.000034uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 56ohm, 0.000039uF, SURFACE MOUNT, SOIC-20 RC NETWORK, TAPPED FILTER NETWORK, 15ohm, 0.000034uF, SURFACE MOUNT, SOIC-20 RC NETWORK, TAPPED FILTER NETWORK, 100ohm, 0.0002uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 22ohm, 0.000039uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 82ohm, 0.00001uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 33ohm, 0.000047uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 10ohm, 0.00001uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 15ohm, 0.00012uF, SURFACE MOUNT, QSOP-20
|
IRC - a TT electronics Company. INTERNATIONAL RESISTIVE CO INC
|
IBM42F10LNNAA30 IBM42F10SNNAA30 |
(IBM42x1xxNNAA30) Gigabit Ethernet / Fiber Channel Small Form Factor PTH Transceiver
|
IBM Microelectronics
|
TRXBG1LXDABMH TRXBG1LXDAVM2 TRXBG1LXDAYM5 TRXBG1LX |
Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
|
OPLINK Communications Inc.
|
LCP-1250B4QSRA LCP-1250B4FSRA LCP-1250A4QSRA LCP-1 |
RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel 符合RoHS小型可插拔收发器,千兆以太网和光纤通道
|
Delta Electronics, Inc.
|
PEX8648-AARDK PEX8648-AA50BCG |
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch 的PCIe Gen25.0GT / s8通道2端口PCIe交换
|
PLX Technology, Inc.
|
|